PART |
Description |
Maker |
LH5118-10 LH5118HN-10 LH5118D-10 LH5118H-10 LH5118 |
x8 SRAM x8SRAM
|
|
W24011AI-15 W24011AI-20 W24011AJ-12 W24011AJ-20 W2 |
x8 SRAM x8SRAM
|
|
AS5C2568 AS5C2568DJ-20_XT AS5C2568DJ-12_883C AS5C2 |
SRAM 32K x 8 SRAM SRAM MEMORY ARRAY SRAM 静态存储器
|
ETC AUSTIN[Austin Semiconductor] Electronic Theatre Controls, Inc.
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
P4C1024-17PC P4C214-17PPC P4C1024-17JC P4C1024-17J |
128K X 8 STANDARD SRAM, 17 ns, PDIP32 PLASTIC, DIP-32 16K X 16 CACHE SRAM, 17 ns, PQCC52 PLASTIC, LCC-52 128K X 8 STANDARD SRAM, 17 ns, PDSO32 SOJ-32 64K X 1 STANDARD SRAM, 10 ns, PDIP22 1K X 4 STANDARD SRAM, 10 ns, PDIP18 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Performance Semiconductor, Corp. Pyramid Semiconductor, Corp. PERFORMANCE SEMICONDUCTOR CORP PYRAMID SEMICONDUCTOR CORP
|
R1RW0408DGE-2PR R1RW0408D R1RW0408DGE-2LR |
4M High Speed SRAM (512-kword x 8-bit) Memory>Fast SRAM>Asynchronous SRAM
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
HM66AEB18205 HM66AEB18205BP-33 HM66AEB18205BP-30 H |
Memory>Fast SRAM>QDR SRAM 36-Mbit DDR II SRAM Separate I/O 2-word Burst
|
Renesas Technology / Hitachi Semiconductor
|
AS5C4009LLDG-100/XT AS5C4009LLDG-100/IT AS5C4009LL |
512K*8 SRAM ultra Low power SRAM AVAILABLE AS MILITARY SPECIFICATION x8 SRAM x8的SRAM
|
Austin Semiconductor, Inc
|
HM62W8511HCLJP-12 HM62W8511HC HM62W8511HCJP-10 HM6 |
Memory>Fast SRAM>Asynchronous SRAM 4M High Speed SRAM (512-kword x 8-bit) BOX 5.0X1.85X1.0 W/CLP BLK
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
IS61NVP102436A IS61NVP102436A-166B3 IS61NVP102436A |
1Mb x 36 and 2Mb x 18 STATE BUS SRAM 1M X 36 STANDARD SRAM, PBGA165 PLASTIC, BGA-165 1M X 36 STANDARD SRAM, PDSO100 TQFP-100 2M X 18 STANDARD SRAM, PBGA165
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC Integrated Silicon Solu...
|
CY7C1350 7C1350 |
128Kx36 Pipelined SRAM with NoBL Architecture(带NoBL结构28Kx36流水线式 SRAM) 128K × 36至流水线与总线延迟静态存储器体系结构(带总线延迟结构28K × 36至流水线式的SRAM 128Kx36 Pipelined SRAM with NoBL Architecture(B>NoBL结构28Kx36流水线式 SRAM) From old datasheet system
|
Cypress Semiconductor Corp.
|